Part Number Hot Search : 
14N03L KS8993I DTC14 KBL10 CLL5237A 104J100 XF001 73120
Product Description
Full Text Search
 

To Download PSS-100-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSS100 Series
100 Watt Single Output AC/DC Power Supply
FEATURES
1 Year Warranty Low Cost, High Reliability Fixed Switching Frequency Compact Size, Light Weight AC Input Selectable by Switch 100% Full Load Burn-In Tested Cooling by Free Air Convection EN55022, IEC801-2,3,4 and IEC555-2 UL1950 and TUV EN60950 Approved Short Circuit and Overload Protected Built-In EMI Filter, Low Ripple and Noise High Efficiency, Low Working Temperature Soft Start Circuit, Limiting AC Surge Current SPECIFICATIONS: PSS100 Series
All specifications are based on 25 C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. INPUT SPECIFICATIONS Input Voltage Range 85 ~ 132VAC / 180 ~ 264VAC selected by switch (255 ~ 370VDC) Input Frequency 47 to 63Hz AC Current 2.4A @ 115VAC 1.2A @ 230VAC Inrush Current (max) Cold Start 30A @ 115VAC 60A @ 230VAC Leakage Current < 1mA @ 240VAC OUTPUT SPECIFICATIONS Output Voltage See Table Output Power See Table Voltage Tolerance (See Note 3) PSS-100-3 & PSS-100-5: 2.0%; Other Models: 1.0% Voltage Adjustment Range See Table Line Regulation See Table Load Regulation See Table Output Current See Table Ripple & Noise (max) (See Note 2) 100mVp-p Setup, Rise Time 200ms, 80ms @ full load Hold Up Time (typical) 20ms @ full load Temperature Coefficient 0.03%/C (0 ~ 50C) PROTECTION 105 ~ 150% rated output power (150 ~ 200% rated output power for S-100-7.5 only) Overload Protection Protection Type: Shutdown output voltage, re-power on to recover. GENERAL SPECIFICATIONS Switching Frequency 25KHz Efficiency See Table Withstand Voltage 1500VAC (Input to Output), 1500VAC (Input to FG), 500VAC (Output to FG) Isolation Resistance 100M/500DC (Input to Output, Input to FG, and Output to FG) ENVIRONMENTAL SPECIFICATIONS Working Temperature -10C to +60C (refer to output load derating curve) Storage Temperature -20C to +85C Working Humidity 20 ~ 90% RH non-condensing Storage Humidity 10 ~ 95% RH Cooling Free air convection Vibration 10 ~ 500Hz, 2G 10min./1 cycle, 60min each along X, Y, Z axes. MTBF 322,400 hours min. @ 25C (MIL-HDBK-217F) PHYSICAL SPECIFICATIONS Weight 620 grams Dimensions 199(L) x 98(W) x 38(H) mm Warranty 1 year SAFETY & EMC Safety Standards Design refer to UL1012 EMI Conduction & Radiation Design refer to FCC Part15 J Conduction Class B
o
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
PSS100 Series
100 Watt Single Output AC/DC Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number PSS-100-3 PSS-100-5 PSS-100-7.5 PSS-100-10 PSS-100-12 PSS-100-15 PSS-100-18 PSS-100-24 PSS-100-27 PSS-100-48 85 ~ 132 VAC or 180 ~ 264 VAC Input Voltage Output Voltage 3VDC 5 VDC 7.5 VDC 10VDC 12 VDC 15 VDC 18VDC 24 VDC 27VDC 48 VDC Voltage Adjust. Range 2.85 ~ 3.3V 4.75 ~ 5.5V 6.75 ~ 8.25V 9 ~ 11V 10.8 ~ 13.2V 13.5 ~ 16.5V 16.2 ~ 19.8V 21.6 ~ 26.4V 26 ~ 32V 43.2 ~ 52.8V Output Current 20A 20A 13.6A 10A 8.5A 6.7A 5.6A 4.5A 3.7A 2A Line Regulation 0.5% 0.5% 0.5% 0.3% 0.3% 0.3% 0.3% 0.2% 0.2% 0.2% Load Regulation 0.5% 0.5% 0.5% 0.3% 0.3% 0.3% 0.3% 0.2% 0.2% 0.2% Output Power 60W 100W 102W 100W 102W 100.5W 100.8W 108W 99.9W 96W Efficiency 70% 78% 80% 80% 81% 81% 82% 84% 84% 84%
NOTES
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load, and 25C ambient temperature. 2. Ripple & noise are measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1uF& 47uF parallel capacitor. 3. Tolerances include set up tolerance, line regulation, and load regulation.
DERATING CURVE
STATIC CHARACTERISTICS (24V)
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
PSS100 Series
100 Watt Single Output AC/DC Power Supply
MECHANICAL DRAWING
Unit: mm
Terminal Pin No. Assignment
Pin No. 1 2 3 4,5 6,7 Assignment AC/L AC/N FG DC OUTPUT (-V) DC OUTPUT (+V)
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797


▲Up To Search▲   

 
Price & Availability of PSS-100-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X